Part Number Hot Search : 
C2510 OM6206 KBL08 10010 MAX14531 F1280 AG230100 BR604
Product Description
Full Text Search
 

To Download STW80N06-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STW80N06-10
N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
PRELIMINARY DATA TYPE STW80N06-10
s s s s s s s s
V DSS 60 V
R DS(on) < 0.010
ID 80 A
TYPICAL RDS(on) = 0.0085 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE HIGH dV/dt RUGGEDNESS APPLICATION ORIENTED CHARACTERIZATION
1
2
3
TO-247
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s POWER MOTOR CONTROL s DC-DC & DC-AC CONVERTERS s SYNCRONOUS RECTIFICATION
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS V DGR V GS ID ID IDM (*) P tot dV/dt(1) T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o
Value 60 60 20 80 60 320 180 1.2 5 -65 to 175 175
Unit V V V A A A W W/ o C V/ns
o o
C C
(*) Pulse width limited by safe operating area
October 1998
1/5
STW80N06-10
THERMAL DATA
R thj-case R thj-amb R thc-sink Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max Typ 0.83 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol IAR E AS E AR IAR Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , V DD = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 60 600 150 42 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A V GS = 0 Min. 60 10 100 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) I D(on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance Test Conditions I D = 250 A T c = 100 o C 80 Min. 2 Typ. 3 0.0085 Max. 4 0.01 0.02 Unit V A
V GS = 10V I D = 40 A V GS = 10V I D = 40 A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 40 A V GS = 0 Min. Typ. 25 5900 900 230 Max. Unit S pF pF pF
2/5
STW80N06-10
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 30 V ID = 40 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 48 V I D = 80 A R G = 50 V GS = 10 V (see test circuit, figure 5) V DD = 40 V I D = 80 A V GS = 10 V Min. Typ. 32 160 240 Max. 42 200 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
230 30 60
280
nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 48 V I D = 40 A R G = 4.7 VGS = 10 V (see test circuit, figure 5) Min. Typ. 35 175 240 Max. 46 230 300 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 80 A V GS = 0 I SD = 80 A di/dt = 100 A/s V DD = 30 V T j = 150 o C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 80 320 1.5 125 0.6 10 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area (1) ISD 60 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
3/5
STW80N06-10
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
4/5
STW80N06-10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
5/5


▲Up To Search▲   

 
Price & Availability of STW80N06-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X